Part Number Hot Search : 
STK0760 N0157 74FCT M74HC08 SST5484 3V10X 2SC829 3V10X
Product Description
Full Text Search
 

To Download 42050-910 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 42050
POSITIVE VOLTAGE REGULATORS Commercial or Military
Mii
HYBRID MICROELECTRONICS PRODUCTS DIVISION
Features: * * * * Output Current To 10 Amps Output Voltage To 34 V Internal Short Circuit Protection Custom Output Voltages available
Applications: * * Designed for use in general purpose applications. Military And Hi Rel Industrial Applications Where Hermetically Sealed Product Is Required
DESCRIPTION The 42050 series of regulators covers the output voltage range from 5 VDC through 34 VDC. These regulators are fabricated using hybrid techniques. The devices are complete with internal short circuit protection, which includes voltage shutdown and current fold back. The 42050 series regulators are complete and normally do not require any additional components. However, if the regulator is far from the power source a .2 f capacitor on the input is suggested.
ABSOLUTE MAXIMUM RATINGS Output Current - IOUT .............................................................................................................................................................10 A Power Dissipation @ 25C Case Temperature - PD ..........................................................................................................120 W Input Voltage - VIN..................................................................................................................................................................40 V Operating Temperature ................................................................................................................................... -55C to +125C Storage Temperature ......................................................................................................................................-65C to + 150C Mechanical Configuration
1.550 MAX 0.83 MAX DIA.
0.450 MAX
0.135 MAX
SEATING PLANE 0.039 DIA 0.043 1.197 1.177
0.161 DIA 0.151
0.470 0.440
PIN 1 2 CASE
FUNCTION GROUND VOUT V IN
0.675 0.655
2
0.225 0.205
1
0.440 0.420
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01
42050 POSITIVE VOLTAGE REGULATORS
ELECTRICAL CHARACTERISTICS (Note 1) PARAMETER
Output Voltage Differential Voltage VIN - VOUT Line Regulation (Note 3) Load Regulation (Note 2) Ripple Rejection VIN - VO = 5 V to VIN = 40 V IOUT = .5 A IOUT = .5 A to IOUT = IMAX VIN = VOUT + 5 V f = 50 to 500 Hz 1.0Vpp VIN - VO = 5 V Temperature Coefficient TC 0C TC 100C .05 %/C 60 dB 40 mV 0.1 % VOUT
SYMBOL
VOUT
V
TEST CONDITIONS
IOUT = 1A, IN - O = 5 V IOUT = IMAX
V V
MIN
VOUT -0.1 V 5
TYP
VOUT
MAX
VOUT +0.1 V
UNIT
VDC VDC
Standby Current Thermal Resistance Long Term Stability
IS
25 1 0.1
mA
C/W
jc
%/1000 hrs
Note 1: Case temperature 25C unless otherwise specified. Note 2: Voltage measured at Pin 2 within .05 inches from case. Note 3: Instantaneous regulation, average chip temperature changes must be accounted for separately.
42050 HYBRID VOLTAGE REGULATOR DEVICES Standards Available
TYPE 42050 - 055 510 610 710 810 910 109 128 148 158 168 188 208 224 244 264 284 304 324 344 VOUT (VDC) 5 5 6 7 8 9 10 12 14 15 16 18 20 22 24 26 28 30 32 34 MAX IOUT (A) 5 10 10 10 10 10 9 8 8 8 8 8 8 4 4 4 4 4 4 4 IKNEE TYP(A) 6.5 13 13 13 13 13 13 10 10 10 10 10 10 5.5 5.5 5.5 5.5 5.5 5.5 5.5 ISC TYP(A) 2.5 3.5 3.5 3.5 3.5 3.5 3.5 3 3 3 3 3 3 2 2 2 2 2 2 2
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01
42050 POSITIVE VOLTAGE REGULATORS
Figure 1. Power Derating
140 P P O W E R DI S SI P AT D IO 120 100 80 60 40 20 0 0 25 50 75 100 125 150 175
TC - CASE TEMPERATURE - (C)
Figure 2. Typical Output Characteristics
5
4 For - 055 V IN (V) 3 2 1
I SC
0
1
2 I
3 OUT
4 (A)
5
6
I KNEE
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement. Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible. MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION * 905 E. Walnut St., Garland, TX 75040 * (972) 272-3571 * Fax (972) 494-2281 www.micropac.com E-MAIL: hybridsales@micropac.com 05/16/01


▲Up To Search▲   

 
Price & Availability of 42050-910

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X